Part Number Hot Search : 
FE01003 AHCT1 29F800 0ETTTS MJD350 NZGL00 MC140 W78M32
Product Description
Full Text Search
 

To Download CY7C1223H-166AXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-mbit (128k x 18) pipelined dcd sync sram cy7c1223h cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05674 rev. *b revised february 6, 2006 features ? registered inputs and outputs for pipelined operation ? optimal for performance (double-cycle deselect) ? depth expansion without wait state ? 128k 18-bit common i/o architecture ? 3.3v core power supply ? 3.3v/2.5v i/o supply ? fast clock-to-output time ? 3.5 ns (for 166-mhz device) ? 4.0 ns (for 133-mhz device) ? provide high-performance 3-1-1-1 access rate ? user-selectable burst counter supporting intel ? pentium ? interleaved or linear burst sequences ? separate processor and controller address strobes ? synchronous self-timed write ? asynchronous output enable ? offered in jedec-standard lead-free 100-pin tqfp package ? ?zz? sleep mode option functional description [1] the cy7c1223h sram integrates 128k x 18 sram cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. all synchronous inputs are gated by registers controlled by a positive-edge-triggered clock input (clk). the synchronous inputs include all addresses, all data inputs, address-pipelining chip enable (ce 1 ), depth-expansion chip enables (ce 2 and ce 3 ), burst control inputs (adsc , adsp , and adv ), write enables (bw [a:b] and bwe ), and global write (gw ). asynchronous inputs include the output enable (oe ) and the zz pin. addresses and chip enables are registered at rising edge of clock when either address strobe processor (adsp ) or address strobe controller (adsc ) are active. subsequent burst addresses can be internally generated as controlled by the advance pin (adv ). address, data inputs, and write co ntrols are registered on-chip to initiate a self-timed write cycl e.this part supports byte write operations (see pin descriptions and truth table for further details). write cycles can be one to two bytes wide as controlled by the byte write control inputs. gw active low causes all bytes to be written. this device incorporates an additional pipelined enable register which delays turning off the output buffers an additional cycle when a deselect is executed.this feature allows depth expansion without penal- izing system performance. the cy7c1223h operates from a +3.3v core power supply while all outputs operate with either a +3.3v/2.5v supply. all inputs and outputs are jedec-standard jesd8-5-compatible. selection guide 166 mhz 133 mhz unit maximum access time 3.5 4.0 ns maximum operating current 240 225 ma maximum cmos standby current 40 40 ma note: 1. for best-practices recommendations, please refer to the cypress application note system design guidelines on www.cypress.com. [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 2 of 16 logic block diagram address register adv clk burst counter and logic clr q1 q0 adsc bw b bw a ce 1 dq b, dqp b byte write register dq a , dqp a byte write register enable register oe sense amps memory array adsp 2 a [1:0] mode ce 2 ce 3 gw bwe pipelined enable dq s dqp a dqp b output registers input registers e output buffers dq b , dqp b byte write driver dq a, dqp a byte write driver sleep control zz a 0,a1,a [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 3 of 16 pin configurations 100-pin tqfp pinout a nc nc v ddq v ssq nc dqp a dq a dq a v ssq v ddq dq a dq a v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a nc nc v ssq v ddq nc nc nc nc nc nc v ddq v ssq nc nc dq b dq b v ssq v ddq dq b dq b v dd nc v ss dq b dq b v ddq v ssq dq b dq b dqp b nc v ssq v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 cy7c1223h nc a a a a a 1 a 0 nc/72m nc/36m v ss v dd nc/18m nc/9m a a a a a a nc/4m mode top view [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 4 of 16 pin descriptions pin type description a0, a 1 , a input- synchronous address inputs used to select one of the 128k address locations . sampled at the rising edge of the clk if adsp or adsc is active low, and ce 1 , ce 2 , and ce 3 are sampled active. a [1:0] are fed to the two-bit counter. bw [a:b] input- synchronous byte write select inputs, active low . qualified with bwe to conduct byte writes to the sram. sampled on the rising edge of clk. gw input- synchronous global write enable input, active low . when asserted low on the rising edge of clk, a global write is conducted (all bytes are written, regardless of the values on bw [a:b] and bwe ). bwe input- synchronous byte write enable input, active low . sampled on the rising edge of clk. this signal must be asserted low to conduct a byte write. clk input- clock clock input . used to capture all synchronous inputs to the device. also used to increment the burst counter when adv is asserted low, during a burst operation. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 to select/deselect the device. adsp is ignored if ce 1 is high. ce 1 is sampled only when a new external address is loaded. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 to select/desel ect the device. ce 2 is sampled only when a new external address is loaded. ce 3 input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/deselect the device. ce 3 is sampled only when a new external address is loaded oe input- asynchronous output enable, asynchronous input, active low . controls the direction of the i/o pins. when low, the i/o pins behave as outputs. when deasse rted high, i/o pins are tri-stated, and act as input data pins. oe is masked during the first clock of a read cycle when emerging from a deselected state. adv input- synchronous advance input signal, sampled on th e rising edge of clk, active low . when asserted, it automatically increments the address in a burst cycle. adsp input- synchronous address strobe from processor, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the devi ce are captured in the address registers. a [1:0] are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. asdp is ignored when ce 1 is deasserted high. adsc input- synchronous address strobe from controller, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the devi ce are captured in the address registers. a [1:0] are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. zz input- asynchronous zz ?sleep? input, active high . when asserted high places th e device in a non-time-critical ?sleep? condition with data integr ity preserved. for normal operation, this pin has to be low or left floating. zz pin has an internal pull-down. dqs dqp [a:b] i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as outputs, they deliver the data contained in the memory location specified by the addresses present ed during the previ ous clock rise of the read cycle. the direction of the pins is controlled by oe . when oe is asserted low, the pi ns behave as outputs. when high, dqs and dqp [a:b] are placed in a tri-state condition. v dd power supply power supply inputs to the core of the device . v ss ground ground for the core of the device . v ddq i/o power supply power supply for the i/o circuitry . v ssq i/o ground ground for the i/o circuitry . mode input- static selects burst order . when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. this is a strap pin and should remain static during device operation. mode pin has an internal pull-up. nc no connects . not internally connected to the die. 4m , 9m, 18m, 72m, 144m, 288m, 576m, and 1g are address expansion pins and are not internally connected to the die. [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 5 of 16 functional overview all synchronous inputs pass through input registers controlled by the rising edge of the clock. all data outputs pass through output registers controlled by the rising edge of the clock. the cy7c1223h supports secondary cache in systems utilizing either a linear or interleaved burst sequence. the interleaved burst order supports pentium and i486 ? processors. the linear burst sequence is suited for processors that utilize a linear burst sequence. the burst order is user selectable, and is determined by sampling the mode input. accesses can be initiated with either the processor address strobe (adsp ) or the controller address strobe (adsc ). address advancement through the burst sequence is controlled by the adv input. a two-bit on-chip wraparound burst counter captures the firs t address in a burst sequence and automatically increments the address for the rest of the burst access. byte write operations are qualif ied with the byte write enable (bwe ) and byte write select (bw [a:b] ) inputs. a global write enable (gw ) overrides all byte write inputs and writes data to all four bytes. all writes are simplified with on-chip synchronous self-timed write circuitry. synchronous chip selects ce 1 , ce 2 , ce 3 and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state control. adsp is ignored if ce 1 is high. single read accesses this access is initiated when the following conditions are satisfied at cloc k rise: (1) adsp or adsc is asserted low, (2) chip selects are all asserted active, and (3) the write signals (gw , bwe ) are all deasserted high. adsp is ignored if ce 1 is high. the address presented to the address inputs is stored into the address adv ancement logic and the address register while being presented to the memory core. the corre- sponding data is allowed to propagate to the input of the output registers. at the rising edge of the next clock the data is allowed to propagate thro ugh the output register and onto the data bus within t co if oe is active low. the only exception occurs when the sram is emerging from a deselected state to a selected state, its outputs are always tri-stated during the first cycle of the access. after th e first cycle of the access, the outputs are controlled by the oe signal. consecutive single read cycles are supported. the cy7c1223h is a double-cycle deselect part. once the sram is deselected at clock rise by the chip select and either adsp or adsc signals, its output will tri-state immediately after the next clock rise. single write accesses initiated by adsp this access is initiated when both of the following conditions are satisfied at clock rise: (1) adsp is asserted low, and (2) chip select is asserted active. the address presented is loaded into the address register and the address advancement logic while being delivered to the memory core. the write signals (gw , bwe , and bw [a:b] ) and adv inputs are ignored during this first cycle. adsp triggered write accesses require two clock cycles to complete. if gw is asserted low on the second clock rise, the data presented to the dqx inpu ts is written into the corre- sponding address location in the memory core. if gw is high, then the write operation is controlled by bwe and bw [a:b] signals. the cy7c1223h provides byte write capability that is described in the write cycle description table. asserting the byte write enable input (bwe ) with the selected byte write input will selectively write to onl y the desired bytes. bytes not selected during a byte write operation will remain unaltered. a synchronous self-t imed write mechanism has been provided to simplify the write operations. because the cy7c1223h is a co mmon i/o device, the output enable (oe ) must be deasserted high before presenting data to the dq inputs. doing so will tri-st ate the output drivers. as a safety precaution, dq are au tomatically tri-stated whenever a write cycle is detected, regardless of the state of oe . single write accesses initiated by adsc adsc write accesses are initiated when the following condi- tions are satisfied: (1) adsc is asserted low, (2) adsp is deasserted high, (3) chip select is asserted active, and (4) the appropriate combination of the write inputs (gw , bwe , and bw [a:b] ) are asserted active to conduct a write to the desired byte(s). adsc triggered write accesses require a single clock cycle to complete . the address presented is loaded into the address register and the address advancement logic while being delivered to the memory core. the adv input is ignored during this cycle. if a global write is conducted, the data presented to the dq x is written into the corresponding address location in the memory core. if a byte write is conducted, only the selected bytes are written. bytes not selected during a byte write operation will remain unaltered. a synchronous self -timed write mechanism has been provided to simplify the write operations. because the cy7c1223h is a co mmon i/o device, the output enable (oe ) must be deasserted high before presenting data to the dq x inputs. doing so will tri-state the output drivers. as a safety precaution, dq x are automatically tri-stated whenever a write cycle is detect ed, regardless of the state of oe . burst sequences the cy7c1223h provides a two-bit wraparound counter, fed by a [1:0] , that implements either an interleaved or linear burst sequence. the interleaved burs t sequence is designed specif- ically to support intel pentium applications. the linear burst sequence is designed to support processors that follow a linear burst sequence. the burst sequence is user selectable through the mode input. both r ead and write burst operations are supported. asserting adv low at clock rise will automatically increment the burst counter to the next address in the burst sequence. both read and write burst operations are supported. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, data integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the ?sleep? mode. ce s, adsp , and adsc must remain inactive for the duration of t zzrec after the zz input returns low. [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 6 of 16 interleaved burst address table (mode = floating or v dd ) first address a1, a0 second address a1, a0 third address a1, a0 fourth address a1, a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) first address a1, a0 second address a1, a0 third address a1, a0 fourth address a1, a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 truth table [2, 3, 4, 5, 6] operation address used ce 1 ce 2 ce 3 zz adsp adsc adv write oe clk dq deselected cycle, power-down none h x x l x l x x x l-h tri-state deselected cycle, power-down none l l x l l x x x x l-h tri-state deselected cycle, power-down none l x h l l x x x x l-h tri-state deselected cycle, power-down none l l x l h l x x x l-h tri-state deselected cycle, power-down none l x h l h l x x x l-h tri-state zz mode, power-down none x x x h x x x x x x tri-state read cycle, begin burst external l h l l l x x x l l-h q read cycle, begin burst external l h l l l x x x h l-h tri-state write cycle, begin burst external l h l l h l x l x l-h d read cycle, begin burst external l h l l h l x h l l-h q read cycle, begin burst external l h l l h l x h h l-h tri-state read cycle, continue burst next x x x l h h l h l l-h q read cycle, continue burst next x x x l h h l h h l-h tri-state read cycle, continue burst next h x x l x h l h l l-h q read cycle, continue burst next h x x l x h l h h l-h tri-state write cycle, continue burst next x x x l h h l l x l-h d write cycle, continue burst next h x x l x h l l x l-h d read cycle, suspend burst current x x x l h h h h l l-h q read cycle, suspend burst current x x x l h h h h h l-h tri-state read cycle, suspend burst current h x x l x h h h l l-h q read cycle, suspend burst current h x x l x h h h h l-h tri-state write cycle, suspend burst current x x x l h h h l x l-h d write cycle, suspend burst current h x x l x h h l x l-h d notes: 2. x = ?don't care.? h = logic high, l = logic low. 3. write = l when any one or more byte write enable signals (bw a , bw b ) and bwe = l or gw = l. write = h when all byte write enable signals ( bw a , bw b ), bwe , gw =h. 4. the dq pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 5. the sram always initiate s a read cycle when adsp is asserted, regardless of the state of gw , bwe , or bw [a:b] . writes may occur only on subsequent clocks after the adsp or with the assertion of adsc . as a result, oe must be driven high prior to the start of the write cycle to allow the outputs to tri-state. oe is a don't care for the remainder of the write cycle. 6. oe is asynchronous and is not sampled with the clock rise. it is masked internally during write cycles. during a read cycle all d ata bits are tri-state when oe is inactive or when the device is deselect ed, and all data bits behave as output when oe is active (low). [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 7 of 16 truth table for read/write [2, 3] function gw bwe bw a bw b read h h x x read h l h h write byte a - (dq a and dqp a )h l l h write byte b- (dq b and dqp b )h l h l write all bytes h l l l write all bytes l x x x zz mode electrical characteristics parameter description test conditions min. max. unit i ddzz sleep mode standby current zz > v dd ? 0.2v 40 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current t his parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep current this parameter is sampled 0 ns [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 8 of 16 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature .................................... ?65c to +150 ambient temperature with power applied........... .............. .............. ...... ?55c to +125c supply voltage on v dd relative to gnd........ ?0.5v to +4.6v supply voltage on v ddq relative to gnd ...... ?0.5v to +v dd dc voltage applied to outputs in tri-state ............................................ ?0.5v to v ddq +0.5v dc input voltage .............. ....................... ?0.5v to v dd +0.5v current into outputs (low)....... .................................. 20 ma static discharge voltage......... .............. .............. ...... > 2001v (per mil-std-883,method 3015) latch-up current..................................................... > 200 ma operating range range ambient temperature (t a )v dd v ddq com?l 0c to +70c 3.3v ? 5%/+10% 2.5v ? 5% to v dd ind?l ?40c to +85c electrical characteristics over the operating range [7, 8] parameter description test conditions min. max. unit v dd power supply voltage 3.135 3.6 v v ddq i/o supply voltage for 3.3v i/o 3.135 v dd v for 2.5v i/o 2.375 2.625 v oh output high voltage for 3.3v i/o, i oh = ?4.0 ma 2.4 v for 2.5v i/o, i oh = ?1.0 ma 2.0 v ol output low voltage for 3.3v i/o, i ol = 8.0 ma 0.4 v for 2.5v i/o, i ol = 1.0 ma 0.4 v ih input high voltage [7] for 3.3v i/o 2.0 v dd + 0.3v v for 2.5v i/o 1.7 v dd + 0.3v v v il input low voltage [7] for 3.3v i/o ?0.3 0.8 v for 2.5v i/o ?0.3 0.7 v i x input leakage current except zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd v i v ddq, output disabled ?5 5 a i dd v dd operating supply current v dd = max., i out = 0 ma, f = f max = 1/t cyc 6-ns cycle, 166 mhz 240 ma 7.5-ns cycle,133mhz 225 ma i sb1 automatic cs power-down current?ttl inputs v dd = max., device deselected, v in v ih or v in v il , f = f max = 1/t cyc 6-ns cycle, 166 mhz 100 ma 7.5-ns cycle,133mhz 90 ma i sb2 automatic cs power-down current?cmos inputs v dd = max., device deselected, v in 0.3v or v in > v ddq ? 0.3v, f = 0 all speeds 40 ma i sb3 automatic cs power-down current?cmos inputs v dd = max., device deselected, or v in 0.3v or v in > v ddq ? 0.3v, f = f max = 1/t cyc 6.0-ns cycle, 166 mhz 85 ma 7.5-ns cycle, 133mhz 75 ma i sb4 automatic cs power-down current?ttl inputs v dd = max., device deselected, v in v ih or v in v il , f = 0 all speeds 45 ma notes: 7. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac)> ?2v (pulse width less than t cyc /2). 8. power-up: assumes a linear ramp from 0v to v dd (min.) within 200 ms. during this time v ih < v dd and v ddq < v dd . [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 9 of 16 capacitance [9] parameter description test conditions 100 tqfp max. unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 3.3v v ddq = 2.5v 5pf c clk clock input capacitance 5 pf c i/o input/output capacitance 5 pf thermal characteristics [9] parameter description test conditions 100 tqfp package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51 30.32 c/w jc thermal resistance (junction to case) 6.85 c/w ac test loads and waveforms note: 9. tested initially and after any design or process change that may affect these parameters. output r = 317 ? r = 351 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.5v 3.3v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 3.3v i/o test load output r = 1667 ? r =1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 2.5v i/o test load [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 10 of 16 switching characteristics over the operating range [14, 15] parameter description 166 mhz 133 mhz unit min. max. min. max. t power v dd (typical) to the first access [10] 11 ms clock t cyc clock cycle time 6.0 7.5 ns t ch clock high 2.5 3.0 ns t cl clock low 2.5 3.0 ns output times t co data output valid after clk rise 3.5 4.0 ns t doh data output hold af ter clk rise 1.5 1.5 ns t clz clock to low-z [11, 12, 13] 00 ns t chz clock to high-z [11, 12, 13] 3.5 4.0 ns t oev oe low to output valid 3.5 4.0 ns t oelz oe low to output low-z [11, 12, 13] 00 ns t oehz oe high to output high-z [11, 12, 13] 3.5 4.0 ns set-up times t as address set-up before clk rise 1.5 1.5 ns t ads adsc , adsp set-up before clk rise 1.5 1.5 ns t advs adv set-up before clk rise 1.5 1.5 ns t wes gw , bwe , bw [a:b] set-up before clk rise 1.5 1.5 ns t ds data input set-up before clk rise 1.5 1.5 ns t ces chip enable set-up be fore clk rise 1.5 1.5 ns hold times t ah address hold after clk rise 0.5 0.5 ns t adh adsp , adsc hold after clk rise 0.5 0.5 ns t advh adv hold after clk rise 0.5 0.5 ns t weh gw ,bwe , bw [a : b] hold after clk rise 0.5 0.5 ns t dh data input hold after clk rise 0.5 0.5 ns t ceh chip enable hold after clk rise 0.5 0.5 ns notes: 10. this part has a voltage regulator internally; tpower is the time that the power needs to be supplied above v dd minimum initially before a read or write operation can be initiated. 11. t chz , t clz , t oelz , and t oehz are specified with ac test conditions shown in part (b) of ac test loads. transition is measured 200 mv from steady-state vo ltage. 12. at any given voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention betw een srams when sharing the same data bus. these specifications do not imply a bus contention condition, but re flect parameters guaranteed over worst case user conditions. device is designed to achieve high-z prior to low-z under the same system conditions. 13. this parameter is sampled and not 100% tested. 14. timing reference level is 1.5v when v ddq = 3.3v and 1.25v when v ddq = 2.5v. 15. test conditions shown in (a) of ac test loads unless otherwise noted. [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 11 of 16 switching waveforms read timing [16] note: 16. on this diagram, when ce is low, ce 1 is low, ce 2 is high and ce 3 is low. when ce is high, ce 1 is high or ce 2 is low or ce 3 is high. t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces g w, bwe,bw data out (q) high-z t doh t co adv t oehz t co single read burst read t oev t oelz t chz burst wraps around to its initial state t advh t advs t weh t wes t adh t ads q(a2) q(a2 + 1) q(a2 + 2) q(a1) q(a2) q(a2 + 1) q(a3) q(a2 + 3) a2 a3 deselect cycle burst continued with new base address adv suspends burst don?t care undefined [a:b] clz t [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 12 of 16 write timing [16, 17] note: 17. full width write can be initiated by either gw low; or by gw high, bwe low and bw [a:b] low. switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a1 t ceh t ces bwe, bw [a:b] adv burst read burst write d(a2) d(a2 + 1) d(a2 + 1) d(a3) d(a3 + 1) d(a3 + 2) d(a2 + 3) a2 a3 extended burst write d(a2 + 2) single write t adh t ads t adh t ads t oehz t advh t advs t weh t wes t dh t ds gw t weh t wes byte write signals are ignored for first cycle when adsp initiates burst adsc extends burst adv suspends burst don?t care undefined d(a1) high-z data in (d) d ata out (q) [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 13 of 16 read/write timing [16, 18, 19] notes: 18. the data bus (q) remains in high-z following a write cycle, unless a new read access initiated by adsc or adsp . 19. gw is high. switching waveforms (continued) t cyc t cl clk adsp t adh t ads address t ch oe adsc ce t ah t as a2 t ceh t ces data out (q) high-z adv single write d(a3) a4 a5 a6 d(a5) d(a6) data in (d) burst read back-to-back reads high-z q(a2) q(a1) q(a4) q(a4+1) q(a4+2) t weh t wes q(a4+3) t oehz t dh t ds t oelz t clz t co back-to-back writes a1 bwe, bw [a:b] a3 don?t care undefined [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 14 of 16 zz mode timing [20,21] notes: 20. device must be deselected when entering zz mode. see truth ta ble for all possible signal conditions to deselect the device. 21. dqs are in high-z when exiting zz sleep mode. switching waveforms (continued) t zz i supply clk zz t zzrec a ll inputs (except zz) don?t care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 15 of 16 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. intel and pentium are registered trademarks, and i486 is a trademark, of intel corporat ion. powerpc is a registered trademark of ibm. all product and company names mentioned in this document are the trademarks of their respective holders. ordering information ?not all of the speed, package and temperature ranges are av ailable. please contact your local sales representative or visit www.cypress.com for actual products offered?. speed (mhz) ordering code package diagram package type operating range 166 CY7C1223H-166AXC 51-850 50 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) lead-free commercial cy7c1223h-166axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free industrial 133 cy7c1223h-133axc 51-850 50 100-pin thin quad flat pack (1 4 x 20 x 1.4 mm) lead-free commercial cy7c1223h-133axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free industrial package diagram note: 1. jedec std ref ms-026 2. body length dimension does not include mold protrusion/end flash mold protrusion/end flash shall not exceed 0.0098 in (0.25 mm) per side 3. dimensions in millimeters body length dimensions are max plastic body size including mold mismatch 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r 0.08 min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 100-pin tqfp (14 x 20 x 1.4 mm) (51-85050) 51-85050-*b [+] feedback [+] feedback
cy7c1223h document #: 38-05674 rev. *b page 16 of 16 document history page document title: cy7c1223h 2-mbit (128k x 18) pipelined dcd sync sram document number: 38-05674 rev. ecn no. issue date orig. of change description of change ** 347357 see ecn pci new data sheet *a 424820 see ecn rxu changed address of cypress semiconductor corporation on page# 1 from ?3901 north first street? to ?198 champion court? changed three-state to tri-state. modified ?input load? to ?input leakage current except zz and mode? in the electrical characteristics table. modified test condition from v ih < v dd to v ih < v dd replaced package name column with package diagram in the ordering information table. replaced package diagram of 51-85050 from *a to *b *b 459347 see ecn nxr converted from preliminary to final included 2.5v i/o option updated the ordering information table. [+] feedback [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1223H-166AXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X